Part Number Hot Search : 
SDR1AHF IDT72200 JANTX LINEAR F04F150 SKY77 31255 C5027
Product Description
Full Text Search
 

To Download NX8045GD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Units
NX8045GD (J Lead Type)
n Features
A small surface-mount type crystal unit, ideal for an engine control CPU clock; delivering the high reliability that is particularly demanded by car electronics. Compatible with low frequencies starting from 5MHz.(8.0 x 4.5 x 2.0mm typ.) lStable start-up characteristic even under extremely severe environmental conditions. lExcellent environmental characteristics, including heat, vibration and shock resistance. lLead-free. Meets the requirements for re-flow profiling using lead-free solder. lExcellent performance for wide temperature range heat cycles (-40 to +125 C) when mounted on a glass epoxy circuit board. lConforms to AEC-Q200.
For Car Electronics
n Specifications
Item Frequency Range Overtone Order Frequency Tolerance (25 3) Temperature Characteristics (with reference to +25C) Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Model NX8045GD (J Lead) 5 to 40MHz Fundamental 50 x 10-6 150 x 10-6 -40 to +125 Refer to *1 10W(Max:500W) 8pF
The above specifications are standard for this NDK product. Custom-made specifications such as load capacitance and temperature characteristics are also available. Please contact NDK sales with your enquiries.
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following : Model name - Frequency (Max : 9 digits) M - Number for specifying an order Example NX8045GD-10.000M-STD-CJJ-1
If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
n Dimensions
mm
8.0 0.2
*1 Equivalent Series Resistance Frequency (MHz) (Range) 5 to 8 8 to 10 10 to 20 20 to 40 Equivalent Series Resistance max.[] 300 220 150 100
Internal connections(TOP VIEW)
1.90.2
4.5 0.2
Reference land pattern 9.0
0.1
5.4
2.20.2
0.90.2
3.0
cu36_071108_NX8045GD_e1


▲Up To Search▲   

 
Price & Availability of NX8045GD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X